PART |
Description |
Maker |
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
Q62705-K151 KPY33-R |
Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 相对硅压阻压力传感器 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor Silicon Piezoresistive Relative Press...
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
BD241CFP |
Transient Surge Protection Thyristor; Package/Case:MS-013; Current, It av:2.2A; Reel Quantity:1500; Capacitance:80pF; Current Rating:2.2A; Forward Current:5A; Forward Voltage:200V; Holding Current:150mA 晶体管|晶体管|叩| 100V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有
|
Samsung Semiconductor Co., Ltd.
|
KBPC1508N KBPC1501N KBPC15005N KBPC15005N1 |
High forward surge current capability
|
Shenzhen Ping Sheng Electronics Co., Ltd.
|
KBP06 |
High forward surge current capability
|
Mospec Semiconductor
|
MBRS150-FL MBRS120-FL MBRS140-FL MBRS160-FL MBRS11 |
High forward surge current capabilit
|
TY Semiconductor Co., Ltd
|
KBPC2505NW KBPC2505NW1 KBPC2501NW KBPC2502NW KBPC2 |
High forward surge current capability
|
Shenzhen Ping Sheng Electronics Co., Ltd.
|
6A100 6A80 6A40 |
High forward surge current capability GENERAL PURPOSE SILICON RECTIFIER
|
DIOTEC Electronics Corporation List of Unclassifed Manufacturers DIOTEC Electronics Corporat... List of Unclassifed Manufac... DIOTEC Electronics Corp... List of Unclassifed Man...
|
WF512K32N-90H1M5A WF512K32 WF512K32F-120G1UC5 WF51 |
REED RELAY, 4PST, HG WET, 12V, DIODE RoHS Compliant: No 512Kx32 5V FLASH MODULE, SMD 5962-94612 512Kx32 5V的闪存盘,贴962-94612 RES 3K-OHM 5% 0.75W 250PPM THK-FILM SMD-2010 TR-7-PA 512Kx32 5V的闪存盘,贴962-94612 Reed Relay; Contacts:SPST; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:DIP-14; Relay Mounting:PC Board; Contact Carrying Power:10W Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Dry Reed Relay; Contacts:DPST-2NO; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes x32 Flash EEPROM Module 100ns; 5V power supply; 512K x 32 flash module, SMD 5962-94612
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers ETC[ETC] White Electronic Designs
|
1N4007S 1N4004S 1N4001S 1N4002S |
GENERAL PURPOSE SILICON RECTIFIER High forward surge current capability
|
List of Unclassifed Man... Diotech Company. DIOTEC Electronics Corporation
|
SSTS30100CTF |
High Junction Temperature High ESD Protection High Forward & Reverse Surge capability High Junction Temperature High ESD Protection High Forward & Reverse Surge capability
|
Silikron Semiconductor Co.,LTD. Silikron Semiconductor ...
|